Part Number Hot Search : 
T041659 UTC3563 D15AA LAS15A06 M28W640 FR204 HF38903M 36410
Product Description
Full Text Search
 

To Download 516D105M100JL6A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 516D
Vishay Sprague
Aluminum Capacitors + 85 C, Miniature, Axial Lead
FEATURES
* High CV per case size
Pb-free
* Low cost * Solvent resistant construction (through 100 WVDC)
Fig.1 Component outline.
Available
QUICK REFERENCE DATA
DESCRIPTION Nominal case size OD x L in mm VALUE 0.197" x 0.472" [5.0 x 12.0] to 0.709" x 1.614" [18.0 x 41.0] - 40 C to + 85 C (- 25 C to + 85 C for 315 WVDC - 450 WVDC units) 0.47 F to 10 000 F 20 % 6.3 WVDC to 450 WVDC 2 axial leads 2000 hours: CAP 20 % from initial measurement. DF x 2 initial specified limit. DCL initial specified limit. 1000 hours: CAP 20 % from initial measurement. DF 2 x initial specified limit. DCL the initial specified limit. rated voltage for 1 minute for 6.3 WVDC to 100 WVDC units I < 0.03 CV or 4 A (whichever is greater) rated voltage for 2 minute for 6.3 WVDC to 100 WVDC units I < 0.01 CV or 3 A (whichever is greater) rated voltage for 1 minute for 160 WVDC to 450 WVDC units I < 0.1 CV + 40 A and CV 1000 I < 0.04 CV + 100 A and CV > 1000
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE Ambient Temperature + 70 C + 85 C Multipliers 1.27 1.0
Operating temperature
FREQUENCY (Hz)/CAPACITANCE (F) Rated Capacitance range, CR Tolerance on CR Rated voltage range, UR Termination Life validation test at 85 C WVDC Cap. (F) 0 - 47 6.3 - 100 100 - 470 1000 - 10000 160 - 450 1 - 100 50 - 60 100 - 120 300 - 400 0.75 0.80 0.85 0.80 1 1 1 1 1.35 1.23 1.10 1.25 1kHZ 1.57 1.34 1.13 1.40 10 kHZ 2.00 1.50 1.15 1.60
Shelf life at 85 C
LOW TEMPERATURE PERFORMANCE
MAXIMUM IMPEDANCE RATIO Z(T)/Z(+ 20 C) MAXIMUM AT 120 Hz Rated Voltage (WVDC) 6.3 10.0 16.0 25.0 35.0 - 100.0 160.0 - 250.0 315.0 - 350.0 400.0 - 450.0 Z - 25 C/Z + 20 C 4.0 3.0 2.0 2.0 2.0 4.0 6.0 15.0 Z - 40 C/Z + 20 C 10.0 8.0 6.0 4.0 3.0 12.0 -
DC leakage current
DIMENSIONS in inches [millimeters]
CASE CODE JL LL LM MM MN NP NOMINAL CASE SIZE DxL 0.197 x .472 [5.0 x 12.0] 0.248 x .472 [6.3 x 12.0] 0.248 x .472 [6.3 x 12.0] 0.315 x .630 [8.0 x 16.0] 0.315 x .787 [8.0 x 20.0] 0.394 x .827 [10.0 x 21.0] LEAD DIAMETER 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] TYPICAL WEIGHT (Grams) 0.56 0.74 0.91 1.00 1.70 2.32 CASE CODE NR PR PS QS QT RT NOMINAL CASE SIZE DxL 0.394 x 0.984 [10.0 x 25.0] 0.512 x 1.023 [13.0 x 26.0] 0.512 x 1.240 [13.0 x 31.5] 0.630 x 1.240 [16.0 x 31.5] 0.630 x 1.633 [16.0 x 41.5] 0.709 x 1.614 [18.0 x 41.0] LEAD TYPICAL WEIGHT DIAMETER (Grams) 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.031 [0.8] 0.031 [0.8] 3.10 4.63 5.47 8.26 10.42 12.42 www.vishay.com 237
Document Number: 42046 Revision: 24-May-05
For technical questions contact: aluminumcaps4@vishay.com
516D
Vishay Sprague
Aluminum Capacitors + 85 C, Miniature, Axial Lead
DIMENSIONS in inches [millimeters]
0.78 [2.0] Max. White tape for Positive Polarity
W 0.047 [ 1.2] 0.236 1 [6 1] P 0.020 [ 0.5]
D
W 0.059 [ 1.5]
0.047 [ 1.2] Max.
Blue or Yellow Tape for Negative Polarity
DIMENSIONS in inches [millimeters] AND PACKAGING QUANTITIES
CASE CODE JL LL LM MM MN NP NP NR NR PR PR PS TAPING CODE B B B B B B C B C B C B SPECIFICATIONS TAPE WIDTH W 0.059 [1.5] 2.063 [52.4] 2.063 [52.4] 2.063 [52.4] 2.063 [52.4] 2.500 [63.5] 2.500 [63.5] 2.874 [73.0] 2.500 [63.5] 2.874 [73.0] 2.500 [63.5] 2.874 [73.0] 2.874 [73.0] COMPONENT PITCH P 0.020 [0.5] 0.394 [10.0] 0.394 [10.0] 0.394 [10.0] 0.394 [10.0] 0.394 [10.0] 0.591 [15.0] 0.591 [15.0] 0.591 [15.0] 0.591 [15.0] 0.591 [15.0] 0.591 [15.0] 0.591 [15.0] QUANTITY PER REEL 1600 1300 1300 1000 1000 500 500 500 500 350 350 350
ELECTRICAL DATA
SYMBOL F % DC JL 6 A rated capacitance M = 20 % voltage rating at 85 C see dimensions in millimeters table packaging code termination DESCRIPTION
ORDERING EXAMPLE*
Electrolytic capacitor 500D series 516D 107M 6R3 JL 6A 6A = Bulk, Uncut leads. 7B = tape and Reel. For case Codes JL, LL, LM, MM, MN, NP, NR, PR and PS only. 7C = tape and Reel with 2.874" [73.0 mm] tape width (not stocked) For case Codes NP, NR and PR only. All items stating (Not stocked) are items that are not generally stocked unless a Purchase Order is placed. Lead time is 14 - 16 weeks for these items unless there is excess inventory. *Note: For lead (Pb)-free, add suffix E3 to part number. Example: 516D107M6R3JL6AE3
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F PART NUMBER NOMINAL CASE SIZE DxL 6.3 WVDC at + 85 C, SURGE = 8 V 100 220 330 www.vishay.com 238 516D107M6R3JL6A 516D227M6R3LM6A 516D337M6R3LM6A 0.197 x 0.472 [5.0 x 12.0] 0.248 x 0.630 [6.3 x 16.0] 0.248 x 0.630 [6.3 x 16.0] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.24 0.24 0.24 110 200 250 Document Number: 42046 Revision: 24-May-05 LEAD DIAMETER Max. DF at + 20 C Max. RIPPLE at + 85 C
For technical questions contact: aluminumcaps4@vishay.com
516D
Aluminum Capacitors + 85 C, Miniature, Axial Lead
Vishay Sprague
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F PART NUMBER NOMINAL CASE SIZE DxL 6.3 WVDC at + 85 C, SURGE = 8 V 470 1000 2200 3300 4700 6800 10000 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 22 33 47 100.0* 220.0* 330 470.0* 1000 2200 3300 4700 6800 10.0* 22.0* 33 47.0* 100.0* 220 330 470 1000 516D477M6R3MM6A 516D108M6R3NP6A 516D228M6R3PR6A 516D338M6R3PR6A 516D478M6R3QS6A 516D688M6R3QS6A 516D109M6R3QT6A 516D336M010JL6A 516D476M010JL6A 516D107M010LL6A 516D227M010LM6A 516D337M010MM6A 516D477M010MM6A 516D108M010NP6A 516D228M010PR6A 516D338M010PS6A 516D478M010QS6A 516D688M010QT6A 516D109M010RT6A 516D226M016JL6A 516D336M016JL6A 516D476M016JL6A 516D107M016LM6A 516D227M016MM6A 516D337M016MM6A 516D477M016MN6A 516D108M016NR6A 516D228M016PS6A 516D338M016QS6A 516D478M016QT6A 516D688M016RT6A 516D106M025JL6A 516D226M025JL6A 516D336M025JL6A 516D476M025LL6A 516D107M025LM6A 516D227M025MM6A 516D337M025MN6A 516D477M025NR6A 516D108M025PR6A 0.315 x 0.630 [8.0 x 16.0] 0.394 x 0.827 [10.0 x 21.0] 0.512 x 1.024 [13.0 x 26.0] 0.512 x 1.024 [13.0 x 26.0] 0.630 x 1.240 [16.0 x 31.5] 0.630 x 1.240 [16.0 x 31.5] 0.630 x 1.633 [16.0 x 41.5] 10 WVDC at + 85 C, SURGE = 13 V 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.248 x 0.472 [6.3 x 12.0] 0.248 x 0.630 [6.3 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.394 x 0.827 [10.0 x 21.0] 0.512 x 1.024 [13.0 x 26.0] 0.512 x 1.240 [13.0 x 31.5] 0.630 x 1.240 [16.0 x 31.5] 0.630 x 1.633 [16.0 x 41.5] 0.709 x 1.614 [18.0 x 41.0] 16 WVDC at + 85 C, SURGE = 20 V 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.248 x 0.630 [6.3 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.787 [8.0 x 20.0] 0.394 x 1.024 [10.0 x 26.0] 0.512 x 1.240 [13.0 x 31.5] 0.630 x 1.240 [16.0 x 31.5] 0.630 x 1.633 [16.0 x 41.5] 0.709 x 1.614 [18.0 x 41.0] 25 WVDC at + 85 C, SURGE = 32 V 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.248 x 0.472 [6.3 x 12.0] 0.248 x 0.630 [6.3 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.787 [8.0 x 20.0] 0.394 x 1.024 [10.0 x 26.0] 0.512 x 1.024 [13.0 x 26.0] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 40 65 80 100 170 280 380 510 900 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.031 [0.8] 0.031 [0.8] 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 60 70 85 160 260 320 430 770 1180 1620 1840 2310 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.031 [0.8] 0.031 [0.8] 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 65 80 130 210 300 350 640 1090 1390 1730 1930 2350 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.031 [0.8] 0.24 0.24 0.24 0.24 0.24 0.24 0.24 330 600 1020 1200 1500 1840 2260 LEAD DIAMETER Max. DF at + 20 C Max. RIPPLE at + 85 C
Document Number: 42046 Revision: 24-May-05
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com 239
516D
Vishay Sprague
Aluminum Capacitors + 85 C, Miniature, Axial Lead
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F PART NUMBER NOMINAL CASE SIZE DxL 25 WVDC at + 85 C, SURGE = 32 V 2200 3300 4700 10 22.0* 33 47 100 220 330 470 1000 2200 3300 0.47 1 2.2 3.3 4.7 10 22 33 47 100.0* 220 330 470 1000 2200 3.3 4.7 10.0* 22 33 47.0* 100 220 330 470 1000 516D228M025QS6A 516D338M025QT6A 516D478M025RT6A 516D106M035JL6A 516D226M035JL6A 516D336M035LL6A 516D476M035LM6A 516D107M035MM6A 516D227M035MN6A 516D337M035NP6A 516D477M035NR6A 516D108M035PS6A 516D228M035QS6A 516D338M035QT6A 516D474M050JL6A 516D105M050JL6A 516D225M050JL6A 516D335M050JL6A 516D475M050JL6A 516D106M050JL6A 516D226M050LL6A 516D336M050LM6A 516D476M050LM6A 516D107M050MM6A 516D227M050NP6A 516D337M050NR6A 516D477M050PR6A 516D108M050QS6A 516D228M050RT6A 516D335M063JL6A 516D475M063JL6A 516D106M063JL6A 516D226M063LL6A 516D336M063LM6A 516D476M063MM6A 516D107M063MN6A 516D227M063NR6A 516D337M063PR6A 516D477M063PS6A 516D108M063QS6A 0.630 x 1.240 [16.0 x 31.5] 0.630 x 1.633 [16.0 x 41.5] 0.709 x 1.614 [18.0 x 41.0] 35 WVDC at + 85 C, SURGE = 44 V 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.248 x 0.472 [6.3 x 12.0] 0.248 x 0.630 [6.3 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.787 [8.0 x 20.0] 0.394 x 0.827 [10.0 x 21.0] 0.394 x 1.024 [10.0 x 26.0] 0.512 x 1.240 [13.0 x 31.5] 0.630 x 1.240 [16.0 x 31.5] 0.630 x 1.633 [16.0 x 41.5] 50 WVDC at + 85 C, SURGE = 63 V 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.248 x 0.472 [6.3 x 12.0] 0.248 x 0.630 [6.3 x 16.0] 0.248 x 0.630 [6.3 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.394 x 0.827 [10.0 x 21.0] 0.394 x 1.024 [10.0 x 26.0] 0.512 x 1.024 [13.0 x 26.0] 0.630 x 1.240 [16.0 x 31.5] 0.709 x 1.614 [18.0 x 41.0] 63 WVDC at + 85 C, SURGE = 79 V 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.248 x 0.472 [6.3 x 12.0] 0.248 x 0.630 [6.3 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.787 [8.0 x 20.0] 0.394 x 1.024 [10.0 x 26.0] 0.512 x 1.024 [13.0 x 26.0] 0.512 x 1.240 [13.0 x 31.5] 0.630 x 1.240 [16.0 x 31.5] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 31 37 55 90 120 160 260 480 650 840 1330 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.8] 0.031 [0.8] 0.031 [0.8] 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 5 10 23 28 34 50 85 110 130 220 410 560 730 1260 1920 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.031 [0.8] 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 45 70 90 120 210 340 460 610 1060 1580 2050 0.031 [0.8] 0.031 [0.8] 0.031 [0.8] 0.14 0.14 0.14 1480 1710 2170 LEAD DIAMETER Max. DF at + 20 C Max. RIPPLE at + 85 C
www.vishay.com 240
For technical questions contact: aluminumcaps4@vishay.com
Document Number: 42046 Revision: 24-May-05
516D
Aluminum Capacitors + 85 C, Miniature, Axial Lead
Vishay Sprague
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F PART NUMBER NOMINAL CASE SIZE DxL LEAD DIAMETER Max. DF at + 20 C Max. RIPPLE at + 85 C
100 WVDC at + 85 C, SURGE = 125 V 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1 2.2 3.3 4.7 10 22 33 47 100 1 2.2 3.3 4.7 10 22 33 47 100 1 2.2 3.3 4.7 10 22 33 47 100 516D474M100JL6A 516D105M100JL6A 516D225M100JL6A 516D335M100JL6A 516D475M100JL6A 516D106M100LL6A 516D226M100MM6A 516D336M100MM6A 516D476M100MN6A 516D107M100NR6A 516D227M100PR6A 516D337M100PS6A 516D477M100QS6A 516D105M160LL6A 516D225M160LM6A 516D335M160MM6A 516D475M160MM6A 516D106M160MN6A 516D226M160NR6A 516D336M160PR6A 516D476M160PS6A 516D107M160QT6A 516D105M200LL6A 516D225M200LM6A 516D335M200MM6A 516D475M200MM6A 516D106M200NP6A 516D226M200PR6A 516D336M200PR6A 516D476M200PS6A 516D107M200QT6A 516D105M250LM6A 516D225M250MM6A 516D335M250MM6A 516D475M250MN6A 516D106M250NP6A 516D226M250PR6A 516D336M250PS6A 516D476M250QS6A 516D107M250QT6A 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.197 x 0.472 [5.0 x 12.0] 0.248 x 0.472 [6.3 x 12.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.787 [8.0 x 20.0] 0.394 x 1.024 [10.0 x 26.0] 0.512 x 1.024 [13.0 x 26.0] 0.512 x 1.240 [13.0 x 31.5] 0.630 x 1.240 [16.0 x 31.5] 0.248 x 0.472 [6.3 x 12.0] 0.248 x 0.630 [6.3 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.787 [8.0 x 20.0] 0.394 x 1.024 [10.0 x 26.0] 0.512 x 1.024 [13.0 x 26.0] 0.512 x 1.240 [13.0 x 31.5] 0.630 x 1.633 [16.0 x 41.5] 0.248 x 0.472 [6.3 x 12.0] 0.248 x 0.630 [6.3 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.394 x 0.827 [10.0 x 21.0] 0.512 x 1.024 [13.0 x 26.0] 0.512 x 1.024 [13.0 x 26.0] 0.512 x 1.240 [13.0 x 31.5] 0.630 x 1.633 [16.0 x 41.5] 0.248 x 0.630 [6.3 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.787 [8.0 x 20.0] 0.394 x 0.827 [10.0 x 21.0] 0.512 x 1.024 [13.0 x 26.0] 0.512 x 1.240 [13.0 x 31.5] 0.630 x 1.240 [16.0 x 31.5] 0.630 x 1.633 [16.0 x 41.5] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.031 [0.8] 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 10 18 28 34 40 60 120 150 190 340 560 750 970 13 23 33 39 60 120 170 230 430 13 23 33 39 70 140 170 230 430 14 27 33 45 70 140 190 260 430
160 WVDC at + 85 C, SURGE = 200 V
200 WVDC at + 85 C, SURGE = 250 V
250 WVDC at + 85 C, SURGE = 300 V
Document Number: 42046 Revision: 24-May-05
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com 241
516D
Vishay Sprague
Aluminum Capacitors + 85 C, Miniature, Axial Lead
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F PART NUMBER NOMINAL CASE SIZE DxL LEAD DIAMETER Max. DF at + 20 C Max. RIPPLE at + 85 C
315 WVDC at + 85 C, SURGE = 365 V 1 2.2 3.3 4.7 10 22 33 47 1 2.2 3.3 4.7 10 22 33 47 1 2.2 3.3 4.7 10 22 33 47 1 2.2 3.3 4.7 10 22 33 516D105M315LM6A 516D225M315MM6A 516D335M315MN6A 516D475M315MN6A 516D106M315NR6A 516D226M315PS6A 516D336M315QS6A 516D476M315QS6A 516D105M350LM6A 516D225M350MM6A 516D335M350MN6A 516D475M350NP6A 516D106M350PR6A 516D226M350PS6A 516D336M350QS6A 516D476M350QT6A 516D105M400MM6A 516D225M400MN6A 516D335M400NP6A 516D475M400NP6A 516D106M400PR6A 516D226M400QS6A 516D336M400QT6A 516D476M400RT6A 516D105M450MM6A 516D225M450MN6A 516D335M450NP6A 516D475M450NP6A 516D106M450PR6A 516D226M450QS6A 516D336M450QT6A 0.248 x 0.630 [6.3 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x .0787 [8.0 x 20.0] 0.315 x 0.787 [8.0 x 20.0] 0.394 x 1.024 [10.0 x 26.0] 0.512 x 1.240 [13.0 x 31.5] 0.630 x 1.240 [16.0 x 31.5] 0.630 x 1.240 [16.0 x 31.5] 0.248 x 0.630 [6.3 x 16.0] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.787 [8.0 x 20.0] 0.394 x 0.827 [10.0 x 21.0] 0.512 x 1.024 [13.0 x 26.0] 0.512 x 1.240 [13.0 x 31.5] 0.630 x 1.240 [16.0 x 31.5] 0.630 x 1.633 [16.0 x 41.5] 0.315 x 0.630 [8.0 x 16.0] 0.315 x 0.787 [8.0 x 20.0] 0.394 x 0.827 [10.0 x 21.0] 0.394 x 0.827 [10.0 x 21.0] 0.512 x 1.024 [13.0 x 26.0] 0.630 x 1.240 [16.0 x 31.5] 0.630 x 1.633 [16.0 x 41.5] 0.709 x 1.614 [18.0 x 41.0] 0.315 x 0.630 [8.0 x 16.0] 0.394 x 0.827 [10.0 x 21.0] 0.394 x 0.827 [10.0 x 21.0] 0.394 x 1.024 [10.0 x 26.0] 0.512 x 1.024 [13.0 x 26.0] 0.630 x 1.240 [16.0 x 31.5] 0.709 x 1.614 [18.0 x 41.0] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.031 [0.8] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.031 [0.8] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.031 [0.8] 0.031 [0.8] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.024 [0.6] 0.031 [0.8] 0.031 [0.8] 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 14 27 36 45 80 150 210 260 12 24 32 46 85 140 190 260 14 28 38 46 85 150 210 290 14 31 38 50 85 150 230
350 WVDC at + 85 C, SURGE = 400 V
400 WVDC at + 85 C, SURGE = 450 V
450 WVDC at + 85 C, SURGE = 500 V
Note * These values are normally stocked. Other ratings available as special order.
www.vishay.com 242
For technical questions contact: aluminumcaps4@vishay.com
Document Number: 42046 Revision: 24-May-05


▲Up To Search▲   

 
Price & Availability of 516D105M100JL6A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X